Part Number Hot Search : 
SMA282B 2SK1831 IRL3803 H8SX1663 MAX52 MMBD352 IPD25N 95PF160W
Product Description
Full Text Search
 

To Download MN1500 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 COPPERTOP
Alkaline-Manganese Dioxide Battery
Nominal Voltage: Nominal Internal Impedance:
14.5 mm 13.5 5.5 mm Max.
(+)
TM
MN1500
Size: AA (LR6)
1.5 V 120 m-ohm @ 1kHz 24 gm (0.84 oz.) 8.4 cm (0.51 in. ) Flat -20 C to 54 C o o (-4 F to 130 F) 15A LR6
o o 3 3
Average Weight: Volume: Terminals: Operating Temperature Range:
1.0 mm MIN.
50.5 mm 49.2
ANSI: IEC:
(-)
Dimensions shown are ANSI/IEC standards
TYPICAL DISCHARGE CHARACTERISTICS AT 21C (70F)
1.6 3.9 OHMS 1.5 10 OHMS 24 OHMS 43 OHMS 1.3
1.4
Voltage
1.2
1.1
1
0.9
0.8 0 20 40 60 80 100 120
Service Hours
* Delivered capacity is dependent on the applied load, operating temperature and cut-off voltage. Please refer to the charts
and discharge data shown for examples of the energy / service life that the battery will provide for various load conditions.
This data is subject to change. Performance information is typical. Contact Duracell for the latest information
4/03
Zn/MnO2


▲Up To Search▲   

 
Price & Availability of MN1500

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X